PART |
Description |
Maker |
ST6210L ST6210LB1 ST6210LM1 ST6220L ST6220LB1 ST62 |
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8ROM微控制器使用A / D转换器和20图钉 LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8位ROM微控制器使用A / D转换器和20图钉 (ST6208L - ST6220L) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ST6201L ST6200L 5499 ST6203LM1 ST6200LB1 ST6200LM1 |
Low Voltage 8-Bit ROM MCUs with A/D Converter and 16 Pins(低压8位ROM微控制器(4M)) 低电8位微控制器的ROM / D转换器和16引脚(低压光8位微控制器(4分) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS From old datasheet system
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
PXAS30KFA PXAS31KFBE PXAS37KFBE PXAS31KFA PXAS37KB |
XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16 MB address range XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16MB address range VRSTR 18VDC 14VAC 22PF SMD-0603 TR-7 NI/SN100
|
Philips Semiconductors NXP
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
28LV256SI-3 28LV256SI-4 28LV256SI-5 28LV256SI-6 28 |
Speed: 200 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 250 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 300 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 400 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 200 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 250 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 400 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 300 ns.
|
Turbo IC
|
ST6200LM1 ST6200LB1 ST6201LM1 ST6201LB1 ST6203LB1/ |
LOW VOLTAGE 8-BIT ROM MICROCONTROLLER (MCU) WITH A/D CONVERTER AND 16 PINS LOW VOLTAGE 8-BIT ROM MICROCONTROLLER (MCU) WITH A/D CONVERTER AND 16 PINS 8-BIT MICROCONTROLLER 8位微控制
|
ST Microelectronics Unisonic Technologies Co., Ltd. STMicroelectronics N.V.
|
P83C654X2 P83C654X2BBD P83C654X2FA P87C654X2 P87C6 |
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
|
PHILIPS[Philips Semiconductors]
|
P83C654X2FA |
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz) 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V.
|
MX23C1010 MX23C1010MC-10 MX23C1010MC-12 MX23C1010M |
1M-BITMASKROM(8BITOUTPUT) From old datasheet system 1M-BIT MASK ROM(8 BIT OUTPUT) MINIATURE GENERAL PURPOSE RELAY 128K X 8 MASK PROM, 45 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 90 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 100 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 150 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 100万位掩码光盘位输出) 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 120 ns, PDIP32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 70 ns, PDSO32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 120 ns, PQCC32 1M-BIT MASK ROM (8 BIT OUTPUT) 128K X 8 MASK PROM, 100 ns, PDSO32
|
MCNIX[Macronix International] Macronix 旺宏 Macronix International Co., Ltd. Altera, Corp.
|
MX23L1654MC-20G |
16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
|
MACRONIX INTERNATIONAL CO LTD
|
MX23L12854 MX23L12854MC-20G |
128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
|
MXIC MCNIX[Macronix International]
|
MX23L3254MI-20G MX23L3254 MX23L3254MC-20 MX23L3254 |
32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
|
MCNIX[Macronix International]
|